Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 29Page - STMicroelectronics STA529 Datasheet HTML 30Page - STMicroelectronics STA529 Datasheet HTML 31Page - STMicroelectronics STA529 Datasheet HTML 32Page - STMicroelectronics STA529 Datasheet HTML 33Page - STMicroelectronics STA529 Datasheet HTML 34Page - STMicroelectronics STA529 Datasheet HTML 35Page - STMicroelectronics STA529 Datasheet HTML 36Page - STMicroelectronics STA529 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
STA529
I2C interface
33/58
9.6
Write operation
Following the start condition the master sends a device select code with the R/W bit set to 0.
The STA529 acknowledges this and the writes to the byte of the internal address. After
receiving the internal byte address, the STA529 responds with an acknowledgement.
9.6.1
Byte write
In the byte-write mode the master sends one data byte. This is acknowledged by the
STA529. The master then terminates the transfer by generating a stop condition.
9.6.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generates a
stop condition which terminates the transfer.
9.7
Read operation
9.7.1
Current address byte read
Following the start condition the master sends a device select code with the R/W bit set
to 1. The STA529 acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a stop condition.
9.7.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA529. The master acknowledges each data
byte read and then generates a stop condition terminating the transfer.
9.7.3
Random address byte read
Following the start condition the master sends a device select code with the R/W bit set to 0.
The STA529 acknowledges this and then the master writes the internal address byte. After
receiving the internal byte address, the STA529 again responds with an acknowledgement.
The master then initiates another start condition and sends the device select code with the
R/W bit set to 1. The STA529 acknowledges this and then responds by sending one byte of
data. The master then terminates the transfer by generating a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com