Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 23Page - STMicroelectronics STA529 Datasheet HTML 24Page - STMicroelectronics STA529 Datasheet HTML 25Page - STMicroelectronics STA529 Datasheet HTML 26Page - STMicroelectronics STA529 Datasheet HTML 27Page - STMicroelectronics STA529 Datasheet HTML 28Page - STMicroelectronics STA529 Datasheet HTML 29Page - STMicroelectronics STA529 Datasheet HTML 30Page - STMicroelectronics STA529 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
STA529
Serial audio interface
27/58
8.2
Master mode
In this mode, pins BICLKI/BICLKO and pins LRCLKI/LRCLKO are configured as outputs.
Figure 7.
Master mode
Table 16.
Master mode
Parameter
Symbol
Min
Typ
Max
Unit
LRCLKI/LRCLKO propagation delay from BICLK active
edge
tDL
010
ns
SDATAI propagation delay from BICLKI/O active edge
tDDA
015
ns
Sdatao setup time to BICLKI/O strobing edge
tDST
10
ns
Sdatao hold time from BICLKI/O strobing edge
tDHT
10
ns
BICLKI/
BICLKO
LRCLKI/
LRCLKO
SDATAO
SDATAI
tDST
tDHT
tDL
tDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com