Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 4 Page - Analog Devices

  ADG852BCPZ-R21 Datasheet HTML 1Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 2Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 3Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 4Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 5Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG852
Rev. 0 | Page 4 of 16
VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
1.3
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IDS = 100 mA; see Figure 16
1.5
1.7
Ω max
On Resistance Match Between Channels, ∆RON
0.03
Ω typ
VDD = 2.7 V, VS = 0.6 V, IDS = 100 mA
0.05
Ω max
On Resistance Flatness, RFLAT (ON)
0.48
Ω typ
VDD = 4.2 V, VS = 0 V to VDD, IDS = 100 mA
0.66
Ω max
LEAKAGE CURRENTS
VDD = 3.6 V
Source Off Leakage, IS (Off )
±10
pA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V; see Figure 17
Channel On Leakage, ID, IS (On)
±30
pA typ
VS = VD = 0.6 V or 3.3 V; see Figure 18
DIGITAL INPUTS
Input High Voltage, VINH
1.35
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.002
μA typ
VIN = VGND or VDD
0.05
μA max
CIN, Digital Input Capacitance
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
25
ns typ
RL = 50 Ω, CL = 35 pF
37
43
ns max
VS = 1.5 V/0 V; see Figure 19
tOFF
7
ns typ
RL = 50 Ω, CL = 35 pF
7.4
8
ns max
VS = 1.5 V; see Figure 19
Break-Before-Make Time Delay, tBBM
22
ns typ
RL = 50 Ω, CL = 35 pF
13
ns min
VS1 = VS2 = 1 V; see Figure 20
Charge Injection
23
pC typ
VS = 1.5 V, RS = 0 V, CL = 1 nF; see Figure 21
Off Isolation
−75
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 22
Channel-to-Channel Crosstalk
−73
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 24
Total Harmonic Distortion, THD
0.15
%
RL = 32 Ω, f = 20 Hz to 20 kHz, VS = 1.5 V p-p
Insertion Loss
−0.07
dB typ
RL = 50 Ω, CL = 5 pF; see Figure 23
–3 dB Bandwidth
100
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 23
CS (Off )
20
pF typ
CD, CS (On)
52
pF typ
POWER REQUIREMENTS
VDD = 3.6 V
IDD
0.002
μA typ
Digital inputs = 0 V or 3.6 V
1.0
μA max
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com