Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG852BCPZ-R21 Datasheet HTML 2Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 3Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 4Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 5Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG852
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTION
7
8
3
2
S2
D
NC
NC = NO CONNECT
NC
TOP VIEW
(Not to scale)
ADG852
Figure 2. Pin Configurations
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1
Source Terminal. Can be an input or output.
2
D
Drain Terminal. Can be an input or output.
3
S2
Source Terminal. Can be an input or output.
4
IN
Logic Control Input.
5, 6
VDD
Most Positive Power Supply Potential.
7, 8, 9
N/C
No Connect.
10
GND
Ground (0 V) Reference.
Table 5. ADG852 Truth Table
Logic
Switch 1
Switch 2
0
Off
On
1
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com