Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 1 Page - Analog Devices

  ADG852BCPZ-R21 Datasheet HTML 1Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 2Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 3Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 4Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 5Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.8 Ω CMOS, 2.3 V to 5.5 V,
SPDT/2:1 Mux Mini LFCSP
ADG852
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
0.8 Ω typical on resistance
Less than 1 Ω maximum on resistance at 85°C
2.3 V to 5.5 V single supply
High current carrying capability: 300 mA continuous
Rail-to-rail switching operation
Fast-switching times: <17 ns
Typical power consumption: <0.1 μW
1.30 mm × 1.60 mm, 10-lead mini LFCSP
APPLICATIONS
Cellular phones
PDAs
MP3 players
Power routing
Battery-powered systems
PCMCIA cards
Modems
Audio and video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG852
S1
NOTES
1. SWITCHES SHOWN
FOR A LOGIC 1 INPUT.
D
S2
IN
Figure 1.
GENERAL DESCRIPTION
The ADG852 is a low voltage CMOS single-pole, double-throw
(SPDT) switch. This device offers ultralow on resistance of less
than 1 Ω over the full temperature range. The ADG852 is fully
specified for 5.5 V and 3.3 V supply operation.
Each switch conducts equally well in both directions when on,
and has an input signal range that extends to the supplies. The
ADG852 exhibits break-before-make switching action.
The ADG852 is available in a 1.30 mm × 1.60 mm 10-lead
mini LFCSP.
PRODUCT HIGHLIGHTS
1.
<1 Ω over full temperature range of −40°C to +85°C.
2.
Single 2.3 V to 5.5 V operation.
3.
Compatible with 1.8 V CMOS logic.
4.
High current handling capability (300 mA continuous
current per channel).
5.
Low THD + N: 0.08% typical.
6.
1.30 mm × 1.60 mm, 10-lead mini LFCSP.


Similar Part No. - ADG852BCPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG854BCPZ-REEL AD-ADG854BCPZ-REEL Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG854BCPZ-REEL7 AD-ADG854BCPZ-REEL7 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG858BCPZ-REEL1 AD-ADG858BCPZ-REEL1 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results

Similar Description - ADG852BCPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG824 AD-ADG824 Datasheet
360Kb / 16P
0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com