Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG852BCPZ-R21 Datasheet HTML 3Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 4Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 5Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 10Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG852
Rev. 0 | Page 7 of 16
6
TYPICAL PERFORMANCE CHARACTERISTICS
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
01
2
345
VD, VS (V)
VDD = 4.2V
VDD = 4.5V
VDD = 5.0V
VDD = 5.5V
TA = 25°C
Figure 3. On Resistance vs. VD (VS), VDD = 4.2 V to 5.5 V
0
0.5
1.0
2.0
1.5
2.5
3.0
3.5
4.0
VD, VS (V)
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
TA = 25°C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 4. On Resistance vs. VD (VS), VDD = 2.7 V to 3.6 V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD, VS (V)
VDD = 5V
TA = –40°C
TA = +85°C
TA = +25°C
Figure 5. On Resistance vs. VD (VS) for Different Temperatures, VDD = 5 V
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VD, VS (V)
TA = –40°C
VDD = 3.3V
TA = +85°C
TA = +25°C
Figure 6. On Resistance vs. VD (VS) for Different Temperatures, VDD = 3.3 V
1.1
0.9
0.7
0.5
0.3
0.1
–0.1
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VDD = 5V
ID, IS (ON) ++
ID, IS (ON) – –
ID, IS (OFF) +–
ID, IS (OFF) –+
Figure 7. Leakage Current vs. Temperature, VDD = 5 V
0.8
0.6
0.4
0.2
0
–0.2
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VDD = 3.3V
ID, IS (ON) ++
ID, IS (ON) – –
ID, IS (OFF) +–
ID, IS (OFF) –+
Figure 8. Leakage Current vs. Temperature, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com