Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 10Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 11Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 12Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 13Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG852
Rev. 0 | Page 10 of 16
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
Figure 16. On Resistance
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
Figure 17. Off Leakage
SD
VD
ID (ON)
NC
A
Figure 18. On Leakage
IN
GND
RL
50Ω
CL
35pF
VDD
VIN
VOUT
VS
VDD
VOUT
tON
tOFF
50%
50%
90%
90%
0.1µF
S1B
S1A
D
Figure 19. Switching Times, tON, tOFF
VOUT
VIN
tBBM
tBBM
50%
50%
80%
0V
D
IN
GND
RL
50Ω
CL
35pF
VDD
VOUT
VS
VDD
0.1µF
S1B
S1A
80%
Figure 20. Break-Before-Make Time Delay, tBBM
IN
GND
VDD
VS
VIN
VOUT
1nF
VOUT
NC
SWITCH ON
QINJ = CL × ΔVOUT
SWITCH OFF
ΔVOUT
S1B
S1A
D
Figure 21. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com