Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852BCPZ-R21 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG852BCPZ-R21
Description  0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG852BCPZ-R21 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG852BCPZ-R21 Datasheet HTML 4Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 5Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 6Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 7Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 8Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 9Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 10Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 11Page - Analog Devices ADG852BCPZ-R21 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG852
Rev. 0 | Page 8 of 16
70
60
50
40
30
20
10
0
0
12
3456
SOURCE VOLTAGE (V)
VDD = 2.5V
VDD = 3V
VDD = 5V
Figure 9. Charge Injection vs. Source Voltage
35
30
25
20
15
10
5
0
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
tON (3.3V)
tON (5V)
tOFF (5V)
tOFF (3.3V)
Figure 10. tON/tOFF Times vs. Temperature
0
–2
–4
–6
–8
–10
–12
–14
–16
0.1
1
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VDD = 5V, 3.3V
Figure 11. Bandwidth
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.1
1
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VDD = 5V, 3.3V
Figure 12. Off isolation vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VDD = 5V, 3.3V
S1 to S2
Figure 13. Crosstalk vs. Frequency
0.25
0.20
0.15
0.10
0.05
0
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
VDD = 5.5V
VDD = 4.2V
Figure 14. Total Harmonic Distortion + Noise (THD+N) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com