Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 28Page - STMicroelectronics STE2002_06 Datasheet HTML 29Page - STMicroelectronics STE2002_06 Datasheet HTML 30Page - STMicroelectronics STE2002_06 Datasheet HTML 31Page - STMicroelectronics STE2002_06 Datasheet HTML 32Page - STMicroelectronics STE2002_06 Datasheet HTML 33Page - STMicroelectronics STE2002_06 Datasheet HTML 34Page - STMicroelectronics STE2002_06 Datasheet HTML 35Page - STMicroelectronics STE2002_06 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Bus interfaces
STE2002
32/61
H=[1;0]
0
0
0
0
0
0
0
0
0
1
Software RESET
0
0
0
000
00
1
PE
Partial Enable
0
0
0
000
01
FR1
FR0
Frame rate Control
0
0
0
000
10
M[1]
M[0]
Mux Ratio
Partial mode
0
0
0
0
0
1
0
PD2
PD1
PD0
Partial Display
Config
0
0
0
1
PDY5
PDY4
PDY3
PDY2
PDY1
PDY0
1st Sector Start
Address
0
0
1
PDY6
PDY5
PDY4
PDY3
PDY2
PDY1
PDY0
2nd Sector Start
Address
H=[1;1]
0
0
0
000
00
0
1
Scrolling Pointer
Reset
0
0
0
000
00
1
X
Not Used
0
0
0
000
01
X
X
Not Used
0
0
0
000
1
T2T1
T0
Set Temperature
Coefficient for VLDC
0
0
0
0
0
1
X
X
X
X
Not Used
0
0
0
1
0
0
YC-3
YC-2
YC-1
YC-0
Y-CARRIAGE
RETURN
0
0
1
XC-6
XC-5
XC-4
XC-3
XC-2
XC-1
XC-0
X CARRIAGE
RETURN
Table 11.
Extended instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
Table 12.
Explanations of symbols
Bit
0
1
Reset
state
DIR
Scroll by one down
Scroll by one up
PD
Device fully working
Device in power down
1
V
Horizontal addressing
Vertical addressing
0
MX
Normal X axis addressing
X axis address is mirrored.
0
MY
Image is displayed not vertically mirrored Image is displayed vertically mirrored
0
DO
MSB on TOP
MSB on BOTTOM
0
PE
Partial Display disabled
Partial Display enabled
0
H[0]
Select page 0
Select page 1
0
MUX
MUX 65
MUX 33
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com