Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 42Page - STMicroelectronics STE2002_06 Datasheet HTML 43Page - STMicroelectronics STE2002_06 Datasheet HTML 44Page - STMicroelectronics STE2002_06 Datasheet HTML 45Page - STMicroelectronics STE2002_06 Datasheet HTML 46Page - STMicroelectronics STE2002_06 Datasheet HTML 47Page - STMicroelectronics STE2002_06 Datasheet HTML 48Page - STMicroelectronics STE2002_06 Datasheet HTML 49Page - STMicroelectronics STE2002_06 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Electrical characteristics
STE2002
46/61
Logic inputs
VIL
Logic LOW voltage level
VSS
0.3VDD1
V
VIH
Logic HIGH voltage level
0.7VDD1
VDD2
V
Iin
Input current
Vin = VSS1 or VDD1
-1
1
µA
logic inputs/outputs
VIL
Logic LOW voltage level
VSS
0.3VDD1
V
VIH
Logic HIGH Voltage
Level
0.7VDD1
VDD1
+0.5V
V
Column and row driver
Rrow
ROW output resistance
VLCD = 10V;
3K
5K
kohm
Rcol
Column output
resistance
VLCD = 10V;
5K
10K
kohm
Vcol
Column Bias voltage
accuracy
No load
-50
+50
mV
Vrow
Row Bias voltage
accuracy
-50
+50
mV
LCD supply voltage
VLCD
LCD supply voltage
accuracy; internally
generated
VDD = 2.8V; VLCD = 10V;
fsclk=0;
no display load(5)(3)(6)(8)
(8) VOP = 61h,
PRS = 2hex
-2.2
2.2
%
TC0
Temperature coefficient
-0.0·10-3
1/°C
TC1
-0.35·10-3
1/°C
TC2
-0.7·10-3
1/°C
TC3
-1.05·10-3
1/°C
TC4
-1.4 ·10-3
1/°C
TC5
-1.75·10-3
1/°C
TC6
-2.1·10-3
1/°C
TC7
-2.3·10-3
1/°C
1.
Data Byte Writing Mode VDD1 VDD2
2.
The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
3.
When fsclk = 0 there is no interface clock.
4.
External VLCD, the display load current is not transmitted to IDD
5.
Internal clock
6.
Tolerance depends on the temperature; (typically zero at Tamb = 27°C), maximum tolerance values are measured at the
temperature range limit.
7.
Power-down mode. During power-down all static currents are switched-off.
8.
For TC0 to TC7
Table 26.
Electrical characteristics DC operation
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com