Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 43Page - STMicroelectronics STE2002_06 Datasheet HTML 44Page - STMicroelectronics STE2002_06 Datasheet HTML 45Page - STMicroelectronics STE2002_06 Datasheet HTML 46Page - STMicroelectronics STE2002_06 Datasheet HTML 47Page - STMicroelectronics STE2002_06 Datasheet HTML 48Page - STMicroelectronics STE2002_06 Datasheet HTML 49Page - STMicroelectronics STE2002_06 Datasheet HTML 50Page - STMicroelectronics STE2002_06 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
STE2002
Electrical characteristics
47/61
6.3
AC operation
VDD1 = 1.7 to 3.6V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 14.5V; Tamb = 25°C;
unless otherwise specified.
Table 27.
AC operation
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Internal oscillator (
Figure 47)
FOSC
Internal oscillator
frequency
VDD = 2.8V;
61
72
83
kHz
FEXT
External oscillator
frequency
20
100
kHz
FFRAME
Frame frequency
fosc or fext = 72 kHz(1)
75
Hz
Tw(RES)
RES LOW pulse width
5
µs
Reset pulse rejection
1
µs
TLOGIC
(RES)
Internal logic reset time
5
µs
TVDD
VDD1 vs. VDD2 delay
0
µs
I2C Bus interface(4) (
Figure 48)
FSCL
SCL clock frequency
Fast Mode
DC
400
kHz
High Speed Mode;
Cb=100pF
(max);VDD1=2
DC
3.4
MHz
High Speed Mode;
Cb=400pF (max);
VDD1=2
DC
1.7
MHz
Fast Mode; VDD1=1.7V
400
KHz
TSU;STA
Set-up time (repeated)
START condition
Cb=100pF(2) (3)
160
ns
THD;STA
Hold time (repeated)
START condition
Cb=100pF(2) (3)
160
ns
TLOW
LOW period of the SCLH
clock
Cb=100pF (2) (3)
160
ns
THIGH
HIGH period of the
SCLH clock
Cb=100pF(2) (3)
60
ns
TSU;DAT
Data set-up time
Cb=100pF (2) (3)
10
ns
THD;DAT
Data hold time
Cb=100pF (2) (3)
40
ns
Tr;CL
Rise time of SCLH signal Cb=100pF (2) (3)
10
ns
TrCL1
Rise time of SCLH signal
after a repeated START
condition and after an
acknowledge bit
Cb=100pF (2) (3)
10
ns
TfCL
Fall time of SCLH signal
Cb=100pF (2) (3)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com