Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 5 Page - STMicroelectronics

  STE2002_06 Datasheet HTML 1Page - STMicroelectronics STE2002_06 Datasheet HTML 2Page - STMicroelectronics STE2002_06 Datasheet HTML 3Page - STMicroelectronics STE2002_06 Datasheet HTML 4Page - STMicroelectronics STE2002_06 Datasheet HTML 5Page - STMicroelectronics STE2002_06 Datasheet HTML 6Page - STMicroelectronics STE2002_06 Datasheet HTML 7Page - STMicroelectronics STE2002_06 Datasheet HTML 8Page - STMicroelectronics STE2002_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
STE2002
Pin description
5/61
R/W
219
I
Parallel Interface Read & Write Control Line
E
229
I
Parallel Interface Data Latch Signal.
PD/C
228
I
Parallel Interface Data/Command Selector
SDIN
214
I
Serial Interface Data Input
SCLK
217
I
Serial Interface Clock
SCE
216
I
Serial Interface ENABLE. When Low the Incoming Data are Clocked In.
SD/C
215
I
Serial Interface Data/Command Selector
SOUT
213
O
Serial Out
BSYFLG
212
O
Active Procedure Flag. Notice if There is an ongoing Internal Operation or an
active reset. Active Low.
T1 to T14
170-179,
256-259
I/O
Test Pads. - A 50kohm pull-down resistor is added on input pis.
Table 1.
Pin description (continued)
Pad
Type
Function
Test Num.
Pin Configuration
TEST_1
TEST_2
TEST_3
TEST_4
OPEN
TEST_5
TEST_6
TEST_7
TEST_8
TEST_9
TEST_10
VSS / VSSAUX
TEST_11
TEST_12
TEST_13
TEST_14
VSS / VSSAUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com