Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 29Page - STMicroelectronics STE2002_06 Datasheet HTML 30Page - STMicroelectronics STE2002_06 Datasheet HTML 31Page - STMicroelectronics STE2002_06 Datasheet HTML 32Page - STMicroelectronics STE2002_06 Datasheet HTML 33Page - STMicroelectronics STE2002_06 Datasheet HTML 34Page - STMicroelectronics STE2002_06 Datasheet HTML 35Page - STMicroelectronics STE2002_06 Datasheet HTML 36Page - STMicroelectronics STE2002_06 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
STE2002
Bus interfaces
33/61
Table 13.
Page number
H[1]
H[0]
Description
Reset state
00
Page 0
0
1
Page 1
Page 0
10
Page 2
11
Page 3
Table 14.
Display mode
D
E
Description
Reset state
00
display blank
0
1
all display segments on
D=0
1
0
normal mode
E=0
1
1
inverse video mode
Table 15.
Frame rate control
FR[1]
FR[0]
Description
Reset state
00
65Hz
0
1
70Hz
75Hz
10
75Hz
11
80Hz
Table 16.
VLCD range selection
PRS[1]
PRS[0]
Description
Reset State
00
2.94
01
6.78
1
0
10.62
1
1
Not Used
Table 17.
Multiplexing ratio
M[1]
M[0]
Description
Reset state
00
49
0
1
65
01
10
81
1
1
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com