Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 45Page - STMicroelectronics STE2002_06 Datasheet HTML 46Page - STMicroelectronics STE2002_06 Datasheet HTML 47Page - STMicroelectronics STE2002_06 Datasheet HTML 48Page - STMicroelectronics STE2002_06 Datasheet HTML 49Page - STMicroelectronics STE2002_06 Datasheet HTML 50Page - STMicroelectronics STE2002_06 Datasheet HTML 51Page - STMicroelectronics STE2002_06 Datasheet HTML 52Page - STMicroelectronics STE2002_06 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
STE2002
Electrical characteristics
49/61
Serial interface (
Figure 51)
TCYC
Clock Cycle SCLK
VDD1 = 1.7V; Write
(2) (5)
150
ns
TPWH1
SCLK pulse width HIGH
60
ns
TPWL1
SCLK Pulse width LOW
60
ns
TS2
SCE setup time
30
ns
TH2
SCE hold time
50
ns
TPWH2
SCE minimum high time
50
ns
TS3
SD/C setup time
30
ns
TH3
SD/C hold time
40
ns
TS4
SDIN setup time
30
ns
TH4
SDIN hold time
40
ns
TS5
SOUT Access Time
100
ns
TH5
SOUT Disable Time vs.
SCLK
100
ns
TH6
SOUT Disable Time vs.
SCE
100
ns
1.
2.
All timing values are valid within the operating supply voltage and ambient temperature ranges and referenced to VIL and
VIH with an input voltage swing of VSS to VDD
3.
Cb is the capacitive load for each bus line.
4.
For bus line loads Cb between 100 and 400pF the timing parameters must be linearly interpolated
5.
CVLCD is the filtering Capacitor on VLCDOUTTrise and Tfall (30%-70%) = 10 ns
Table 27.
AC operation (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
F
frame
f
os
960
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com