Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6414A Datasheet HTML 7Page - STMicroelectronics STV6414A Datasheet HTML 8Page - STMicroelectronics STV6414A Datasheet HTML 9Page - STMicroelectronics STV6414A Datasheet HTML 10Page - STMicroelectronics STV6414A Datasheet HTML 11Page - STMicroelectronics STV6414A Datasheet HTML 12Page - STMicroelectronics STV6414A Datasheet HTML 13Page - STMicroelectronics STV6414A Datasheet HTML 14Page - STMicroelectronics STV6414A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
STV6414A
Electrical characteristics
11/32
CS
Channel separation, from audio
inputs
Between L & R of TV outputs
VIN =0.5 VRMS at 1 kHz on one
input, RLOAD = 10 kΩ, Gain = 0 dB
80
70
90
74
dB
dB
Ci
Channel isolation from video
inputs
VIN = 1 VPP at 15 kHz on one
point
85
dB
VOUT
Output DC level
VCCA = 9 V
VCCA/2
V
VOFF
DC offset change
Switching between inputs
1
±15
mV
ROUT
Output resistance
60
120
W
PHD
Phase difference
1 VRMS input on each input
channel at 1 kHz
3
° deg.
ASN
S/N ratio
VIN = 1 VRMS at 1 kHz input
weighted CCIR 468-4 quasi peak,
Gain = 0 dB
75
85
dB
eNI
Equivalent rms input voltage
noise
BW = 20 Hz, 20 kHz Flat, Gain =
0dB
5µV
G0
0 dB gain
0.5 VRMS, RLOAD = 10 kΩ,
Gain = 0 dB
-0.5
+0.5
dB
GSTEP
Gain step
-62 dB to +6 dB (see Figure 5)2
dB
GMATCH1
Gain matching between
different inputs of one output
VIN = 0.5 VRMS at 1 kHz,
Gain = 0 dB
-0.5
0.5
dB
GMATCH2
Gain matching between
left/right
outputs of one input channel
VIN = 0.5 VRMS at 1 kHz,
Gain = 0 dB
-0.5
0.5
dB
THD0
THD6
THD9
Total harmonic distortion
ENC Input at 0 dB
ENC Input at 6 dB
ENC Input at 9 dB
VOUT = 0.5 VRMS at 1 kHz,
LPF at 80 kHz,
Volume level adjustment = 0 dB
0.01
0.01
0.01
0.05
0.05
0.05
%
VCL
Output clipping level
THD = 0.2%, 1 kHz
2.1
2.3
VRMS
RL
Output load resistance
VIN = 1 VRMS, THD = 0.3%,
Gain = 0 dB
22.25
k
Ω
Mute
Mute suppression
VIN = 0.5 VRMS, on one point
-90
dB
Table 6.
Audio section characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com