Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 5 Page - STMicroelectronics

  STV6414A Datasheet HTML 1Page - STMicroelectronics STV6414A Datasheet HTML 2Page - STMicroelectronics STV6414A Datasheet HTML 3Page - STMicroelectronics STV6414A Datasheet HTML 4Page - STMicroelectronics STV6414A Datasheet HTML 5Page - STMicroelectronics STV6414A Datasheet HTML 6Page - STMicroelectronics STV6414A Datasheet HTML 7Page - STMicroelectronics STV6414A Datasheet HTML 8Page - STMicroelectronics STV6414A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
STV6414A
General information
5/32
31
VCCAO (see Figure 2)
12V supply voltage input, VCCA is regulated 9V output for
decoupling
or
9v Supply Voltage input, VCCA must be used as 9V supply
voltage input.
32
ROUT_TV
Audio right output to TV SCART
33
LOUT_TV
Audio left output to TV SCART
34
NC
Not connected
35
NC
Not connected
36
NC
Not connected
37
VCCB5
Video output buffer supply pin
38
BOUT_TV
Blue output to TV SCART
39
VCCB4
Video output buffer supply pin
40
GOUT_TV
Green output to TV SCART
41
GNDB
Video buffer ground
42
R/COUT_TV
Red/Chroma output to TV SCART
43
VCCB3
Video output buffer supply pin
44
Y/CVBSOUT_TV
Y/CVBS output to TV SCART
45
VCCB2
Video output buffer supply pin
46
COUT_VCR
Chroma output to VCR SCART
47
VCCB1
Video output buffer supply pin
48
Y/CVBSOUT_VCR
Y/CVBS output to VCR SCART
49
FBOUT_TV
Fast blanking output to TV SCART
50
FBIN_VCR
Fast blanking input from VCR SCART
51
FBIN_ENC
Fast blanking input from encoder
52
NC
Not connected
53
VDD
+5 V I²C supply
54
NC
Not connected
55
SCL
I²C bus clock
56
SDA
I²C bus data
57
GND
Ground digital
58
IT_OUT
Interrupt output
59
SLB_TV
Slow blanking input/output from TV SCART
60
R/CIN_VCR
Red input (or C Input) from VCR SCART
61
SLB_VCR
Slow blanking input/output from VCR SCART
62
GIN_VCR
Green input from VCR SCART
Table 2.
I/O pin description (continued)
Pin No.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com