Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV6414A Datasheet HTML 15Page - STMicroelectronics STV6414A Datasheet HTML 16Page - STMicroelectronics STV6414A Datasheet HTML 17Page - STMicroelectronics STV6414A Datasheet HTML 18Page - STMicroelectronics STV6414A Datasheet HTML 19Page - STMicroelectronics STV6414A Datasheet HTML 20Page - STMicroelectronics STV6414A Datasheet HTML 21Page - STMicroelectronics STV6414A Datasheet HTML 22Page - STMicroelectronics STV6414A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
STV6414A
I²C bus selection
19/32
Note:
At register address 06h, bits marked “Not used” must be set to “1”. All other bits from all
other registers marked “Not used” must be set to “0”.
02h
VCR chroma
muted
VCR video and chroma switch control
TV
chroma
muted
TV video and chroma switch
control
03h
RGB and FB
tri-state
RGB gain
RGB switch control
Fast blanking
mode/input selection
Miscellaneous
04h
IT enable
SLB mode
LPF
enable
VCR-C
output control
Not used
(see Note)
Not used
(see Note)
TV R or C
output
selection
05h
VCR slow blanking
TV slow blanking
ENC audio input gain
0/6/9 dB
VCR R/C
sub clamp
ENC R/C
sub clamp
Standby
06h
Not used
(see Note)
TV outputs
CINCH
outputs
VCR
outputs
Not used
(see
Note)
TV inputs
VCR
inputs
ENC
inputs
Table 18.
Input signal summary (write mode) (continued)
Reg add
(hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
Table 19.
TV audio output
Reg add
(hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00h
Soft volume change
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Active
Disabled
Level adjustment
5
X
X
X
X
0
1
0
1
0
1
0
1
0
1
X
X
0dB
-62 dB (-2 dB/step)
6 dB extra gain
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0dB
+6 dB
TV stereo or mono
mode
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = stereo
1 = mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com