Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV6414A Datasheet HTML 23Page - STMicroelectronics STV6414A Datasheet HTML 24Page - STMicroelectronics STV6414A Datasheet HTML 25Page - STMicroelectronics STV6414A Datasheet HTML 26Page - STMicroelectronics STV6414A Datasheet HTML 27Page - STMicroelectronics STV6414A Datasheet HTML 28Page - STMicroelectronics STV6414A Datasheet HTML 29Page - STMicroelectronics STV6414A Datasheet HTML 30Page - STMicroelectronics STV6414A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
STV6414A
Input/output groups
27/32
Figure 21.
Power supply connection
Figure 19.
I²C bus (ADD) (pin 54)
Figure 20.
I²C bus (SCL) (pin 55)
Protected pad
10 k
Ω
VDD 5V
Float
Protected pad
VDD 5V
Float
10 k
Ω
5V
12 V
5V
VCC1
5V
VDD
12 V
VCCB1 VCCB2
VCCB3 VCCB4
VCCA
VCCA0
VCCB5
VCC
5V
5V
5V
25
57
GNDB
GNDV
GNDref
GNDA
GND
63
24
53
31
17
5
37
39
1
47
45
43
41
12 V
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com