Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV6414A Datasheet HTML 14Page - STMicroelectronics STV6414A Datasheet HTML 15Page - STMicroelectronics STV6414A Datasheet HTML 16Page - STMicroelectronics STV6414A Datasheet HTML 17Page - STMicroelectronics STV6414A Datasheet HTML 18Page - STMicroelectronics STV6414A Datasheet HTML 19Page - STMicroelectronics STV6414A Datasheet HTML 20Page - STMicroelectronics STV6414A Datasheet HTML 21Page - STMicroelectronics STV6414A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
I²C bus selection
STV6414A
18/32
3
I²C bus selection
Data transfers follow the usual I²C format; that is, after the start condition (S), a 7-bit slave
address is sent, followed by an eight-bit data direction bit (W). An 8-bit sub-address is sent
to select a register, followed by an 8-bit data word to be included in the register. The IC’s I²C
bus decoder enables the automatic incrementation mode in write mode.
The circuit operates at clock frequencies of up to 400 kHz.
3.1
I²C bus addresses
Write Address: 1001 0110 = 96(hex), Read Address: 1001 0111 = 97(hex)
Table 14.
String format
Write only mode (S = Start condition, P = Stop condition, A = Acknowledge)
S
SLAVE ADDRESS
0
A
SUB-ADDRESS
A
DATA
A
P
Table 15.
Read only mode
S
SLAVE ADDRESS
1
A
DATA
A
P
Table 16.
Slave address
Address
A6
A5
A4
A3
A2
A1
A0
Value
1
0
0
1
0
1
X
Table 17.
Auto increment mode
S
SLAVE ADDRESS
0
A
SUB-ADDRESS
A
DATA0
A
DATA1
A
....
DATAn
A
P
Sub-Address
Sub-Address +1
Sub-Address + N
Table 18.
Input signal summary (write mode)
Reg add
(hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
Audio
00h
TV Stereo
Mono
TV 0/6dB
TV Volume-62dB to 0dB - 2dB steps
Soft
Volume
Mode
01h
VCR Stereo
Mono
Not Used
(See Note)
VCR Audio
Switch Control
CINCH
Audio
Gain
TV/CINCH Audio Switch Control
Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com