Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV6414A
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV6414A Datasheet HTML 21Page - STMicroelectronics STV6414A Datasheet HTML 22Page - STMicroelectronics STV6414A Datasheet HTML 23Page - STMicroelectronics STV6414A Datasheet HTML 24Page - STMicroelectronics STV6414A Datasheet HTML 25Page - STMicroelectronics STV6414A Datasheet HTML 26Page - STMicroelectronics STV6414A Datasheet HTML 27Page - STMicroelectronics STV6414A Datasheet HTML 28Page - STMicroelectronics STV6414A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
STV6414A
Input/output groups
25/32
4
Input/output groups
Figure 7.
Bottom clamped video inputs (pins
2, 4, 6, 12, 14, 18, 21, 62, and 64)
Figure 8.
Average clamped video inputs (pin
8)
VCC 5V
VCC 5V
2V + VD
Protected pad
15 k
Ω
tri
Protected pad
VCC 5V
IB
VCC 5V
tri
25 k
Ω
25 k
Ω
3V
Figure 9.
R/C clamped video inputs (pins 10
and 60)
Figure 10.
Fast blanking output (pin 49)
R/C inputs may be configured either as a
bottom clamped input or as an average
clamped input. In either case, the simplified
input schematic is very close to one of the
graphics shown above.
Protected pad
VCC 5V
VCCB1 5V
Figure 11.
Fast blanking inputs (pins 50 and
51)
Figure 12.
Video outputs (pins 36, 38, 40, 42,
44, 46, and 48)
VDD 5V
Protected pad
tri
Protected pad
Protected Pad
VCCB1,2 ...5 5V
ib
VCC 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com