Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 5Page - STMicroelectronics STV6414AD Datasheet HTML 6Page - STMicroelectronics STV6414AD Datasheet HTML 7Page - STMicroelectronics STV6414AD Datasheet HTML 8Page - STMicroelectronics STV6414AD Datasheet HTML 9Page - STMicroelectronics STV6414AD Datasheet HTML 10Page - STMicroelectronics STV6414AD Datasheet HTML 11Page - STMicroelectronics STV6414AD Datasheet HTML 12Page - STMicroelectronics STV6414AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
STV6414A
Electrical characteristics
9/32
2
Electrical characteristics
2.1
Latch-up data
At an ambient temperature of 25 °C, all pins meet the following specifications:
I trigger = 200 mA or I trigger = -200 mA.
2.2
Recommended operating conditions
TAMB = 25° C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V, RLOUTA = 10 kΩ, RLOUTV =
150
Ω (unless otherwise specified)
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC12
Supply voltage for slow blanking sections
13.2
V
VCCAO
Supply voltage for audio drivers
13.2
V
VCCA
Supply voltage for digital audio sections
10
V
VDD
Supply voltage for digital sections
6
V
VCC, VCCBI
Supply voltage for video sections
6
V
VIN
Input voltage at pin
(in reference to GND)
Audio pins
Video pins
Bus pins
Slow Blanking pins
0, VCCA
0, VCC or VCCBI
0, 5.5
0, VCC12
V
VESD
Maximum ESD Voltage allowed. (human body model:
100 pF capacitor discharged through 1.5 kOhm serial resistor)
±4
kV
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum junction-to-ambient thermal resistance
58
°C/W
TSTG
Storage temperature
-20, +150
°C
TOPER
Operating free air temperature range
0 to +70
°C
Tj
Maximum junction temperature
150
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Supply voltages
VDD
Digital supply voltage
4.75
5
5.25
V
VCCAO
Audio operating supply voltage
- Decoupling capacitor on VCCA
- Connected to VCCA
11.2
8.5
12
9
12.8
9.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com