Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 8Page - STMicroelectronics STV6414AD Datasheet HTML 9Page - STMicroelectronics STV6414AD Datasheet HTML 10Page - STMicroelectronics STV6414AD Datasheet HTML 11Page - STMicroelectronics STV6414AD Datasheet HTML 12Page - STMicroelectronics STV6414AD Datasheet HTML 13Page - STMicroelectronics STV6414AD Datasheet HTML 14Page - STMicroelectronics STV6414AD Datasheet HTML 15Page - STMicroelectronics STV6414AD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical characteristics
STV6414A
12/32
Figure 5.
Volume control characteristics
2.4
Video section characteristics
TAMB =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V,
RLOUTA = 10 kΩ, RLOUTV = 150 Ω, unless otherwise specified.
Step Number
0
-36
-62
dB
18
31
± 0.5 dB
+ 2 dB
- 0.5 dB
± 0.5 dB
Table 7.
Video characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDCIN
DC input level
Bottom sync pulse
2
V
ICLAMP
Clamping current
at VDCIN - 400 mV
1
2
mA
ILEAK
Input leakage current
VIN = VDCIN +1 V
1
10
µA
CIN
Input capacitance
2
pF
VIN
Max input signal
VCC = 5 V
1.5
VPP
DYN
Dynamic output signal
VCC = 5 V
3
VPP
BW
Bandwidth at -3 dB
- Y/CVBS
- RGB
Input without low pass filter
VIN = 1 VPP
VIN = 1 VPPVINC = muted
10
10
15
15
MHz
Flatness
Spread of gain in video band
(15 kHz - 20 MHz)
- Y/CVBS
- RGB
Input without low pass filter
VIN = 1 VPP
VIN = 1 VPP, VINC = muted
+/-0.5
+/-0.5
dB
BW LPF
Low pass filter bandwidth at -3dB VIN = 1 VPP, CL=10pF
7.5
Mhz
ATT
Low pass filter attenuation
27 MHz
-47
-36
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com