Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 22Page - STMicroelectronics STV6414AD Datasheet HTML 23Page - STMicroelectronics STV6414AD Datasheet HTML 24Page - STMicroelectronics STV6414AD Datasheet HTML 25Page - STMicroelectronics STV6414AD Datasheet HTML 26Page - STMicroelectronics STV6414AD Datasheet HTML 27Page - STMicroelectronics STV6414AD Datasheet HTML 28Page - STMicroelectronics STV6414AD Datasheet HTML 29Page - STMicroelectronics STV6414AD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Input/output groups
STV6414A
26/32
Figure 13.
Audio inputs (pins 7, 9 11, 13, 19,
20, 22, and 23)
Figure 14.
Audio outputs (pins 27, 28, 29, 30,
32, 33, and 35)
12 V
Protected pad
24 k
Ω
VREF
IB
8k
Ω
2k
Ω
Protected pad
I2 V
24 k
Ω
32 k
Ω
9k
Ω
13 k
Ω
Figure 15.
Slow blanking I/O (pins 59 and 61)
Figure 16.
Interrupt output (pin 58)
12 V
Protected pad
110 k
Ω
55 k
Ω
VDD 5V
Protected pad
Float
40
Ω
Figure 17.
Trap filter (pin 34)
Figure 18.
I²C bus (SDA) (Pin 56)
Protected pad
VCC 5V
100
Ω
1k
Ω
VCCB5 5V
Protected pad
VDD 5V
Float
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com