Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 12Page - STMicroelectronics STV6414AD Datasheet HTML 13Page - STMicroelectronics STV6414AD Datasheet HTML 14Page - STMicroelectronics STV6414AD Datasheet HTML 15Page - STMicroelectronics STV6414AD Datasheet HTML 16Page - STMicroelectronics STV6414AD Datasheet HTML 17Page - STMicroelectronics STV6414AD Datasheet HTML 18Page - STMicroelectronics STV6414AD Datasheet HTML 19Page - STMicroelectronics STV6414AD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Electrical characteristics
STV6414A
16/32
2.7
I²C bus characteristics
TAMB = 25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V,
RLOUTA = 10kΩ, RLOUTV = 150Ω, unless otherwise specified.
Table 13.
I2C bus characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SCL
VIL
Low level input voltage
-0.3
1.5
V
VIH
High level input voltage
2.3
5.5
V
ILI
Input leakage current
VIN = 0 to 5.5 V
-10
0
10
µA
fSCL
Clock frequency
400
kHz
tR
Input rise time
1.5 V to 3 V
1
µs
tF
Input fall time
1.5 V to 3 V
300
ns
CI
Input capacitance
10
pF
SDA
VIL
Low level input voltage
-0.3
1.5
V
VIH
High level input voltage
2.3
5.5
V
ILI
Input leakage current
VIN = 0 to 5.5 V
-10
0
10
µA
CI
Input capacitance
10
pF
tR
Input rise time
1.5 V to 3 V
1
µs
tF
Input fall time
3 V to 1.5 V
300
ns
VOL
Low level output voltage
IOL = 3 mA
0.4
V
tF
Output fall time
3 V to 1.5 V
250
ns
CL
Load capacitance
400
pF
Timing: SCL frequency = 400 kHz
tLOW
Clock low period
1.3
µs
tHIGH
clock high period
0.6
µs
tSU,DAT
Data setup time
100
ns
tHD,DAT
Data hold time
0
340
ns
tSU,STO
Setup Time from clock high to
stop
0.6
µs
tBUF
Start setup time following a
stop
1.3
µs
tHD,STA
Start hold time
0.6
µs
tSU,STA
Start setup time following clock low to high transition
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com