Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 9Page - STMicroelectronics STV6414AD Datasheet HTML 10Page - STMicroelectronics STV6414AD Datasheet HTML 11Page - STMicroelectronics STV6414AD Datasheet HTML 12Page - STMicroelectronics STV6414AD Datasheet HTML 13Page - STMicroelectronics STV6414AD Datasheet HTML 14Page - STMicroelectronics STV6414AD Datasheet HTML 15Page - STMicroelectronics STV6414AD Datasheet HTML 16Page - STMicroelectronics STV6414AD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
STV6414A
Electrical characteristics
13/32
Note:
S/N = 20 log (VOUT black to white = 0.7 VPP / VNoise (mVRMS) weighted CCIR 567).
2.5
Chroma section characteristics
TAMB =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V,
RLOUTA = 10 kΩ, RLOUTV = 150 Ω, unless otherwise specified.
CTi
Crosstalk isolation between input
channel
VIN = 1 VPP at 4.43 MHz on
one point
60
dB
CTo
Crosstalk Isolation
between output channel
VIN = 1 VPP at f = 4.43 MHz,
on one point, RLOAD = 150Ω
50
dB
ROUT
Output resistance
5
10
Ω
GRGB
Gain at RGB outputs
VIN = 1 Vpp, gain = 6 dB
5.5
6
6.5
dB
GRGBM
Gain matching between R, G, B
VIN = 1 Vpp, gain = 6 dB
-0.3
0
0.3
dB
GRGBSTEP Step of gain
3 dB to 6 dB
0.75
1
1.25
dB
GYCVBS
Gain on Y,/CVBS channels
VIN = 1 VPP
5.5
6
6.5
dB
GYCVBSM
Gain matching between Y, CVBS
inputs
VIN = 1 VPP
-0.5
0
0.5
dB
DCOUT
DC output voltage
Bottom sync pulse
0.6
V
DPHI
Differential phase
VIN = 1 VPP at 4.43 MHz
1
5
° deg.
DG
Differential gain
VIN = 1 VPP at 4.43 MHz
1
5
%
Mute
Mute suppression
VIN = 1 VPP at 5 MHz on one
point
-55
dB
LNL
Luminance non-linearity
0.3
3
%
VSN
Video S/N Ratio
Refer to note below
65
dB
Table 7.
Video characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 8.
Chroma section characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDCIN
DC input level
3
V
RIN
Input resistance
30
50
k
Ω
CIN
Input capacitance
2
pF
VIN
Max input signal
1.5
VPP
DYN
Dynamic output signal
3
VPP
DCOUT
DC output VCR voltage
2.2
V
CBW
Chroma bandwidth
CIN = 1 VPP at -3 db
10
15
MHz
CTi
Crosstalk isolation between
input channel
VIN = 1 VPP at 4.43 MHz on one
input
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com