Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414AD Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV6414AD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414AD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV6414AD Datasheet HTML 18Page - STMicroelectronics STV6414AD Datasheet HTML 19Page - STMicroelectronics STV6414AD Datasheet HTML 20Page - STMicroelectronics STV6414AD Datasheet HTML 21Page - STMicroelectronics STV6414AD Datasheet HTML 22Page - STMicroelectronics STV6414AD Datasheet HTML 23Page - STMicroelectronics STV6414AD Datasheet HTML 24Page - STMicroelectronics STV6414AD Datasheet HTML 25Page - STMicroelectronics STV6414AD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
I²C bus selection
STV6414A
22/32
Table 22.
RGB and fast blanking outputs
Reg add
(hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
03h
Fast blanking control
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
FB forced to low level
FB forced to high level
FB from Encoder
FB from VCR
RGB selection
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
Muted
RGB_ENC selected
RGB_VCR selected
Not allowed
RGB gain
2
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
+6 dB gain
+5 dB gain
+4 dB gain
+3 dB gain
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
+0 dB extra gain
+3 dB for weak input
signals
RGB and FB control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RGB and FB outputs
high impedance state
RGB and FB outputs
active
Table 23.
Miscellaneous control
Reg add
(hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
04h
R/C TV output
selection
1
X
X
X
X
X
X
X
X
X
X
0
0
0
0
0
1
Red signal selected
Chroma signal
selected
Not used
2
X
X
X
XXXXX
Not used
C_VCR output control
2
X
X
X
X
X
X
X
X
X
0
0
1
0
1
X
0
0
0
0
0
0
X
X
X
Grounded
Tri-state mode (high
impedance)
Active
Low pass filters
control
1
X
X
X
X
0
1
X
X
X
X
0
0
0
0
X
X
LPF enabled
LPF disabled
Slow blanking mode
1
X
X
0
1
X
X
X
X
X
X
0
0
0
0
X
X
Normal mode
SLB TV is driven by
SLB VCR
IT enable
1
0
1
X
X
X
X
X
X
X
X
0
0
0
0
X
X
No iterrupt flag
IT enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com