Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6415AB Datasheet HTML 2Page - STMicroelectronics STV6415AB Datasheet HTML 3Page - STMicroelectronics STV6415AB Datasheet HTML 4Page - STMicroelectronics STV6415AB Datasheet HTML 5Page - STMicroelectronics STV6415AB Datasheet HTML 6Page - STMicroelectronics STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics STV6415AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STV6415A
6/15
2.4
I²C bus characteristics
(TA = 25 °C , VCC = 10 V)
DC Level
2.40
3.05
3.50
V
Minimum output load (RLOAD)2
k
Ω
Table 3.
Electrical characteristics (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 4.
I²C bus characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
PROG (pin 7)
Threshold voltage (typical value is 1.3)
1.00
1.65
V
SCL (pin 4)
VIL
Low level input voltage
–0.3
+1.0
V
VIH
High level input voltage
2.3
VCC + 0.3
V
ILI
Input leakage current
VI = 0 to VCC
–10
+10
µA
fSCL
Clock frequency
0
100
kHz
tR
Input rise time
1.5 V to 3 V
1000
ns
tF
Input fall time
3 V to 1.5 V
300
ns
CI
Input capacitance
10
pF
SDA (pin 2)
VIL
Low level input voltage
–0.3
+1.0
V
VIH
High level input voltage
2.3
VCC + 0.3
V
ILI
Input leakage current
VI = 0 to VCC
–10
+10
µA
CI
Input capacitance
10
pF
tR
Input rise time
1.5 V to 3 V
1000
ns
tF
Input fall time
3 V to 1.5 V
300
ns
VOL
Low level output voltage
IOL = 3mA
0.4
V
tF
Output fall time
3 V to 1.5 V
250
ns
CL
Load capacitance
400
pF
Timing
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
4.0
µs
tSU, DAT Data set-up time
250
ns
tHD, DAT Data hold time
0
340
ns
tSU, STO Set-up time from clock high to stop
4.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com