Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics STV6415AB Datasheet HTML 10Page - STMicroelectronics STV6415AB Datasheet HTML 11Page - STMicroelectronics STV6415AB Datasheet HTML 12Page - STMicroelectronics STV6415AB Datasheet HTML 13Page - STMicroelectronics STV6415AB Datasheet HTML 14Page - STMicroelectronics STV6415AB Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
STV6415A
12/15
3
Package mechanical data
Figure 10.
20-pin plastic SO (small outline) package, 300-mil width
E H
Seating
Plane
G
B
e
A1
A
D
L
k
h x 45°
C
Table 8.
SO20 package
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.35
2.65
0.0926
0.1043
A1
0.10
0.30
0.0040
0.0118
B
0.33
0.51
0.0130
0.0200
C
0.32
0.0125
D
12.60
13.00
0.4961
0.5118
E
7.40
7.60
0.2914
0.2992
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.74
0.010
0.029
k
0°
8°
0°
8°
L
0.40
1.27
0.016
0.050
G
0.10
0.004
Number of pins
N
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com