Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 5 Page - STMicroelectronics

  STV6415AB Datasheet HTML 1Page - STMicroelectronics STV6415AB Datasheet HTML 2Page - STMicroelectronics STV6415AB Datasheet HTML 3Page - STMicroelectronics STV6415AB Datasheet HTML 4Page - STMicroelectronics STV6415AB Datasheet HTML 5Page - STMicroelectronics STV6415AB Datasheet HTML 6Page - STMicroelectronics STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STV6415A
Electrical characteristics
5/15
2
Electrical characteristics
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
(TA = 25 °C , VCC = 10 V , RLOAD = 10 kΩ , CLOAD = 3 pF (unless otherwise specified)
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (pin 9)
12
V
TA
Operating ambient temperature range
0 to +70
oC
TSTG
Storage temperature range
–20 to +150
oC
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Junction-to-ambient thermal resistance
SO20
100
oC/W
Table 3.
Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage (pin 9)
8
10
11
V
ICC
Power supply current (without load on outputs; VCC = 10 V)
14
19
25
mA
Inputs
Signal amplitude (CVBS signal)
2
VPP
Input current (input voltage = 5 VDC)1
3
µA
DC level
3.3
3.6
3.9
V
DC level shift (temperature from 0 to 70°C)
5
100
mV
Outputs (VIN = 1 VPP for all dynamic tests) Pins 13,14, 15, 16, 17 and 18
Dynamic
4.5
5.5
VPP
Output impedance
25
50
Ω
Gain
6
6.5
7
dB
Bandwidth
–1dB attenuation
–3dB attenuation
715
20
MHz
Crosstalk
f = 3.58 MHz
f = 5 MHz
–60
–55
–50
–45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com