Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6415AB Datasheet HTML 6Page - STMicroelectronics STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics STV6415AB Datasheet HTML 10Page - STMicroelectronics STV6415AB Datasheet HTML 11Page - STMicroelectronics STV6415AB Datasheet HTML 12Page - STMicroelectronics STV6415AB Datasheet HTML 13Page - STMicroelectronics STV6415AB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Electrical characteristics
STV6415A
10/15
Figure 8.
Cascadable STV6415A configuration
MCU
PROG
IC1
PROG
IC2
Video outputs
Video outputs
Video inputs
Video inputs
Logical “1”
Logical “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com