Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6415AB Datasheet HTML 3Page - STMicroelectronics STV6415AB Datasheet HTML 4Page - STMicroelectronics STV6415AB Datasheet HTML 5Page - STMicroelectronics STV6415AB Datasheet HTML 6Page - STMicroelectronics STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics STV6415AB Datasheet HTML 10Page - STMicroelectronics STV6415AB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STV6415A
Electrical characteristics
7/15
Figure 3.
I²C bus timing
2.5
I²C bus selections
The I²C chip address is defined by the first byte. The second and following bytes define the
input/output configurations.
tBUF
Start set-up time following a stop
4.7
µs
tHD, STA
Start hold time
4.0
µs
tSU, STA
Start set-up time following clock low-to-high transition
4.7
µs
Table 4.
I²C bus characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
(start, stop)
SDA
SCL
tBUF
tLOW
tHD,STA
tR
SDA
tHD,DAT
tSU,STA
tHIGH
tSU,DAT
tF
tSU,STO
Table 5.
First byte (address)
0x86
0b1000 0110
When PROG pin is connected to Ground
0x06
0b0000 0110
When PROG pin is connected to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com