Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6415AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Datasheet(HTML) 1 Page - STMicroelectronics

  STV6415AB Datasheet HTML 1Page - STMicroelectronics STV6415AB Datasheet HTML 2Page - STMicroelectronics STV6415AB Datasheet HTML 3Page - STMicroelectronics STV6415AB Datasheet HTML 4Page - STMicroelectronics STV6415AB Datasheet HTML 5Page - STMicroelectronics STV6415AB Datasheet HTML 6Page - STMicroelectronics STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2008
Rev 1
1/15
1
STV6415A
I²C bus-controlled video matrix switch
Features
■ 20 MHz bandwidth
■ Cascadable with another STV6415A (internal
address can be changed by pin 7 voltage)
■ Eight inputs (CVBS, RGB, Chroma, …)
■ Six outputs
■ Possibility of chroma signal for each input by
switching off the clamp with an external resistor
bridge
■ I²C bus-controlled
■ 6.5 dB gain between any input and output
■ –55 dB crosstalk at 5 MHz
■ Full ESD protection
Description
The main function of the STV6415A is to switch
eight video input sources on the six outputs.
Each output can be switched to only one of the
inputs, whereas any single input may be
connected to several outputs.
All switching possibilities are controlled through
the I²C bu
s.
Table 1.
Device summary
Order code
Packaging
STV6415AB
SO 20
Plastic small outline package
www.st.com


Similar Part No. - STV6415AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6410AD STMICROELECTRONICS-STV6410AD Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411 STMICROELECTRONICS-STV6411 Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411AD STMICROELECTRONICS-STV6411AD Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
More results

Similar Description - STV6415AB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52743SP MITSUBISHI-M52743SP Datasheet
136Kb / 19P
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
STMicroelectronics
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
logo
ON Semiconductor
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
STMicroelectronics
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com