Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 50Page - STMicroelectronics STW8019 Datasheet HTML 51Page - STMicroelectronics STW8019 Datasheet HTML 52Page - STMicroelectronics STW8019 Datasheet HTML 53Page - STMicroelectronics STW8019 Datasheet HTML 54Page - STMicroelectronics STW8019 Datasheet HTML 55Page - STMicroelectronics STW8019 Datasheet HTML 56Page - STMicroelectronics STW8019 Datasheet HTML 57Page - STMicroelectronics STW8019 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
STw8009/STw8019
Electrical characteristics
53/65
Table 27.
Power consumption/R load = 37.5 ohm
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PSLVdd
Sleep mode on Vdd
Vdd = 1.2V
no 27 MHz clock
3µW
PSTVdd
Stand by mode on Vdd
Vdd = 1.2V
150
µW
PSTVcca
Stand by mode on Vcca
Vcca = 2.8V
1
µW
PACVdd
Active mode on Vdd
Vdd = 1.2 V
0, 1 or 2 DAC enabled
5mW
PACVddIO
Active mode on VddIO
VddIO = 1.8V
180
µW
PAC0Vcca
Active mode on Vcca
Vcca = 2.8V
no DAC enabled
2µW
PAC1Vcca
Active mode on Vcca
Vcca = 2.8V
1 DAC enabled
120
mW
PAC2Vcca
Active mode on Vcca
Vcca = 2.8V
2 DAC enabled
240
mW
Table 28.
DAC & Video output characteristics / Rload = 37.5 ohm – F = 27 MHz – Rext = 2.4 kohm
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDAC
Resolution
10
Bits
INLDAC
Integral non linearity
-1.5
+1.5
LSB
DNLDAC
Differential non linearity
-0.8
+0.8
LSB
VFR1
Full range output voltage Pedestal on low
1.14
1.21
1.27
V
VFR2
Full range output voltage Pedestal on high
1.24
1.31
1.38
V
SFDR
Spurious free dynamic
range
F = 1 MHz / 1 Vpp
TBD
49
dB
SNR
Signal to noise ratio
With white level
55
62
dB
PSRR
Power supply rejection
ratio
2.8 V supply / F = 200 Hz
65
dB
DiffG
Differential gain
Average measurements
on VSA R&S on
NTC7comp and CCIR17
line test patterns
1%
DiffPh
Differential phase
Average measurements
on VSA R&S on
NTC7comp and CCIR17
line test patterns
1deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com