Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 41Page - STMicroelectronics STW8019 Datasheet HTML 42Page - STMicroelectronics STW8019 Datasheet HTML 43Page - STMicroelectronics STW8019 Datasheet HTML 44Page - STMicroelectronics STW8019 Datasheet HTML 45Page - STMicroelectronics STW8019 Datasheet HTML 46Page - STMicroelectronics STW8019 Datasheet HTML 47Page - STMicroelectronics STW8019 Datasheet HTML 48Page - STMicroelectronics STW8019 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Control registers
STw8009/STw8019
44/65
If main_chr_del_en = 0 then the delays used are:
main_chr_del[3:0] = 0010 when mode = PAL/NTSC in 4:2:2 format on CVBS.
main_chr_del[3:0] = 0001 when mode = PAL/NTSC in 4:4:4
main_chr_del_en: Enable of luma to chroma delay on the 4:4:4 component outputs.
(*) 0 = disabled (DENC automatically sets this delay)
1 = enabled (chroma to luma delay is programmed by main_chr_del[3:0] bits (Reg
108).
Note:
This delay affects only the component Y/C. The cvbs output remains unaffected. Refer to
register 3 to program chroma to luma delay on cvbs output signal.
Table 20.
main_chr_del[3:0]
main_
chr_ del3
main_
chr_ del2
main_
chr_ del1
main_
chr_ del0
Delay on chroma path with reference to luma
path encoding [One pixel corresponds to
/fpix_clk]
(*)
0010
- 0.5 pixel delay on chroma
0011
- 1 pixel delay on chroma
0100
- 1.5 pixel delay on chroma
0101
- 2 pixel delay on chroma
1100
+ 2.5 pixel delay on chroma
1101
+ 2 pixel delay on chroma
1110
+ 1.5 pixel delay on chroma
1111
+ 1 pixel delay on chroma
Others
1
0 pixel delay on chroma (reference delay)
Others
0
+ 0.5 pixel delay on chroma
REGISTER 109
Chroma Delay Enable
Address: 0x006D
Type: R/W
content
main_chr
_del_en
default
--
--
-
[0]
[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com