Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 28Page - STMicroelectronics STW8019 Datasheet HTML 29Page - STMicroelectronics STW8019 Datasheet HTML 30Page - STMicroelectronics STW8019 Datasheet HTML 31Page - STMicroelectronics STW8019 Datasheet HTML 32Page - STMicroelectronics STW8019 Datasheet HTML 33Page - STMicroelectronics STW8019 Datasheet HTML 34Page - STMicroelectronics STW8019 Datasheet HTML 35Page - STMicroelectronics STW8019 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
STw8009/STw8019
Control registers
31/65
Note:
bit “jump” is automatically reset after use.
maxdyn: max dynamic magnitude allowed on YCrCb inputs for encoding.
(*) 0 = 10hex to EBhex for Y, 10hex to F0hex for chrominance (Cr,Cb)
1= 01hex to FEhex for Y, Cr and Cb
Note:
In any case, EAV and SAV words are replaced by blanking values before being fed to the
luminance and Chrominance processing.
bypass_sync_corr: tst_dac bypass mode with sync correction. This is a test mode in which
data coming from port tst_dac can be output with or without sync correction and given to the
dacs.
(*) 0 = There is no sync correction applicable to the data coming from tst_dac.
1 = Sync correction takes place before setting the dacs provided tst_ana(0) is set to ‘1’.
Please note that in this case only 8 MSBs are used to generate a 10-bit sync corrected
output from the filter.
10
0
Automatic line insert mode.
The 2nd field of the frame following the writing of this value is
increased. Line insertion is done after line 245 in 525/60 and
after line 290 in 625/50.
“lref” and “ltar” are ignored.(1)
11
0
Automatic line skip mode.
The 2nd field of the frame following the writing of this value is
decreased. Line suppression is done after line 245 in 525/60
and after line 290 in 625/50.
“lref” and “ltar” are ignored.(1)
1
x
1
Not to be used.
1.
Two lines are skipped (inserted) in 525/60 and four lines in 625/50 standards
Table 10.
jump, dec_ninc, free_jump
jump
dec_
ninc
free_
jump
update mode
Table 11.
cfc[1:0]: color frequency control via CFC line
cfc1
cfc0
update mode
(*)
0
0
disabled (update is done by loading of registers 10,11 and12)
0
1
update of increment for DDFS just after serial loading via CFC
1
0
update of increment for DDFS on next active edge of HSYNC
1
1
update of increment for DDFS just before next color burst
REGISTER 7
configuration7
Address: 0x0007
Type: R/W
content
xxx
bypass_
sync_
corr
default
[0]
[0]
[0]
0
[0]
0
[0]
[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com