Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 36Page - STMicroelectronics STW8019 Datasheet HTML 37Page - STMicroelectronics STW8019 Datasheet HTML 38Page - STMicroelectronics STW8019 Datasheet HTML 39Page - STMicroelectronics STW8019 Datasheet HTML 40Page - STMicroelectronics STW8019 Datasheet HTML 41Page - STMicroelectronics STW8019 Datasheet HTML 42Page - STMicroelectronics STW8019 Datasheet HTML 43Page - STMicroelectronics STW8019 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
STw8009/STw8019
Control registers
39/65
Default values:
The FIR symmetrical filter has the following response:
The filter working frequency is comprised in the range [pix_clk, 27 MHz] and the filtering is
done on upsampled signal (half pix_clk to pix_clk frequency by padding by zeros).
chroma_main_coef4 = Actual value + 32;
chroma_main_coef5 = Actual value + 32;
chroma_main_coef6 = Actual value
chroma_main_coef7 = Actual value
chroma_main_coef8 = Actual value
chroma_main_coef0[4:0] = 10001
means c0 = 1.
chroma_main_coef1[5:0] = 100111
means c1 = 7;
chroma_main_coef2[6:0] = 1010100
means c2= 20;
chroma_main_coef3[6:0] = 1000111
means c3 = 39;
chroma_main_coef4[7:0] = 01011111
means c4 = 63;
chroma_main_coef5[7:0] = 01110111
means c5 = 87;
chroma_main_coef6[7:0] = 01101100
means c6 = 108;
chroma_main_coef7[7:0] = 01111011
means c7 = 123;
chroma_main_coef8[8:0] = 010000000
means c8 = 128.
Hz
()
c
0
c
1z
1
–
c
2z
2
–
c
+ 7z
7
–
c
8z
8
–
c
7 z
9
–
c
+ 2z
14
–
c
1z
15
–
c
0 z
16
–
++
+
+
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com