Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 58Page - STMicroelectronics STW8019 Datasheet HTML 59Page - STMicroelectronics STW8019 Datasheet HTML 60Page - STMicroelectronics STW8019 Datasheet HTML 61Page - STMicroelectronics STW8019 Datasheet HTML 62Page - STMicroelectronics STW8019 Datasheet HTML 63Page - STMicroelectronics STW8019 Datasheet HTML 64Page - STMicroelectronics STW8019 Datasheet HTML 65Page - STMicroelectronics STW8019 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
STw8009/STw8019
Package mechanical data
61/65
10.2
VFBGA 49 balls
Table 30.
VFBGA 3x3x1.0 mm - 49 balls - Pitch 0.4 ball 0.25
Dimensions (mm)
Reference
Min
Typ
Max
A(1)
1.
VFBGA stands for
Very thin profile Fine pitch Ball Grid Array.
Very thin profile: 0.80mm<A<=1.00mm/Fine pitch: e<1.00mm
The maximum total package height is calculated by the following methodology
1.00
A1
0.125
A2
0.615
A3
0.18
A4
0.45
b(2)
2.
The typical ball diameter before mounting is 0.25mm
0.22
0.26
0.30
D
2.95
3.00
3.05
D1
2.40
E
2.95
3.00
3.05
E1
2.40
e0.40
F0.30
ddd
0.08
eee(3)
3.
VFBGA with 0.40mm ball pitch is not yet registered in JEDEC publications.
0.13
fff(4)
4.
The tolerance of position that controls the location of the balls with respect to datum A and B. For each ball
there is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect
to datum A and B as defined by e. The axis perpendicular to datum C of each ball must lie within this
tolerance zone.
The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
0.04
A2Typ
A1Typ
A1
2
A3
2
A4
2
++
tolerancevalues
⎝⎠
⎛⎞
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com