Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8019 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW8019
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 31Page - STMicroelectronics STW8019 Datasheet HTML 32Page - STMicroelectronics STW8019 Datasheet HTML 33Page - STMicroelectronics STW8019 Datasheet HTML 34Page - STMicroelectronics STW8019 Datasheet HTML 35Page - STMicroelectronics STW8019 Datasheet HTML 36Page - STMicroelectronics STW8019 Datasheet HTML 37Page - STMicroelectronics STW8019 Datasheet HTML 38Page - STMicroelectronics STW8019 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Control registers
STw8009/STw8019
34/65
Static phase offset for digital frequency synthesizer (10 bits only)
Under certain circumstances (detailed below), these registers contain the 10 MSBs of the
value with which the phase accumulator of the DDFS is initialized after a 0-to-1 transition of
bit ‘rstosc_buf’ of Reg 2, or after a standard change, or when cyclic phase readjustment has
been programmed (see bits valrst[1:0] of Reg 2). The 14 remaining LSBs loaded into the
accumulator in these cases are all ‘0’s (this allows to define the phase reset value with a
0.35o accuracy).
The procedure to validate the usage of these registers rather than the hard-wired values is
the following:
- Load the registers with the required value
- Set bit ‘selrst’ to 1 (Reg 2)
- Perform a software reset or set ‘rstosc_buf’ to 1 (Reg 2) (to put soft phase value into a
tampon register) and ph_rst_mode[1:0]
Note:
1
Registers 13-14 are never reset and must be explicitly written into to contain sensible
information.
2
If bit ‘selrst’=0 (e.g. after a hardware reset) the phase offset used every time the DDFS is re
initialized is a hard-wired value. The hard-wired values being out of any register, they cannot
be read out.
Reset values:
D9C000hex for PAL BDGHI, N, M,
1FC000hex for NTSC-M,
000000hex (blue lines)
REGISTERS 13, 14
Phase_dfs
Address:
0x000D to 0x000E
Type: R/W
register_13
xxx
xxx
xxx
xxx
xxx
xxx
o23
o22
register_14
o21
o20
o19
o18
o17
o16
o15
o14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com