Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 2Page - STMicroelectronics VT5366 Datasheet HTML 3Page - STMicroelectronics VT5366 Datasheet HTML 4Page - STMicroelectronics VT5366 Datasheet HTML 5Page - STMicroelectronics VT5366 Datasheet HTML 6Page - STMicroelectronics VT5366 Datasheet HTML 7Page - STMicroelectronics VT5366 Datasheet HTML 8Page - STMicroelectronics VT5366 Datasheet HTML 9Page - STMicroelectronics VT5366 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Design notes
VT5366
6/30
3
Design notes
3.1
Pin assignment
Figure 3.
VT5366 pin assignment
3.2
Optical centre
The optical centre of the VT5366 is NOT in the centre of the package, it is offset by -
0.243mm in the X-axis and 0.215mm in the Y axis with respect to the centre of the package
as shown in
Figure 4. The PCB designer must take this into account when laying out the
PCB.
1
2
4
8
9
13
16
17
21
24
25
29
32
DVDD1
XI
DVDD2
DGND2
NC
TRK_LED
NC
NC
TEST_OUT
MOTION
POWERDOWN
SCL
SDA
NC
XO
VLEVEL
VT5366
3
5
6
7
10
11
12
14
15
18
19
20
22
23
26
27
28
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com