Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 8Page - STMicroelectronics VT5366 Datasheet HTML 9Page - STMicroelectronics VT5366 Datasheet HTML 10Page - STMicroelectronics VT5366 Datasheet HTML 11Page - STMicroelectronics VT5366 Datasheet HTML 12Page - STMicroelectronics VT5366 Datasheet HTML 13Page - STMicroelectronics VT5366 Datasheet HTML 14Page - STMicroelectronics VT5366 Datasheet HTML 15Page - STMicroelectronics VT5366 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Operation
VT5366
12/30
5
Operation
The VT5366 provides X and Y motion information to an external processor, communication
takes place over a standard I2C bus.
5.1
I2C communication
The VT5366 is a standard I2C slave device. The 7-bit device address is 0x10, making the
I2C address 0x20 for writing and 0x21 for reading (the LSB is the read/write bit). The
maximum I2C clock speed is 400kHz. Full details of the I2C interface are given in
Chapter 6.
5.2
Register map
The VT5366 register space allows for up to 255 registers to be addressed. The sensor
address (ID) is 0x20.
5.2.1
Read motion
The key registers that are required are listed below.
5.2.2
Customer access
The rest of the customer accessible registers are listed below.
Note:
Please DO NOT write to any Addresses not mentioned below as this will affect the chip’s
performance.
Table 3.
Key register
Index (hex)
Function
Note
0x20
[1] automatic motion reset
set bit [1] to enable automatic reset of motion registers
0x21
[7:0] X-motion
2’s complement format
0x22
[7:0] Y-motion
2’s complement format
0x2F
[7:0] Minimum motion search vector Change sensitivity when going into non-run mode
Table 4.
Reg [#0x00 - 0x01] Device revisions
Add
Bits
Name
R/W
Default
Description
0x00
[7:0]
Device Hardware revision
RO
1
0x01
[3:0]
Device Firmware revision
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com