Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 10Page - STMicroelectronics VT5366 Datasheet HTML 11Page - STMicroelectronics VT5366 Datasheet HTML 12Page - STMicroelectronics VT5366 Datasheet HTML 13Page - STMicroelectronics VT5366 Datasheet HTML 14Page - STMicroelectronics VT5366 Datasheet HTML 15Page - STMicroelectronics VT5366 Datasheet HTML 16Page - STMicroelectronics VT5366 Datasheet HTML 17Page - STMicroelectronics VT5366 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Operation
VT5366
14/30
Table 8.
Reg [#0x22]: Y_motion
Add
Bits
Name
R/W
Default
Description
0x22
[7:0]
Y_motion
RO
0000_0000
This register holds the overall Y
movement data since last polling
was done.
Value is 8 bit 2’s complement.
Table 9.
Reg [#0x23] Overflow / No motion
Add
Bits
Name
R/W
Default
Description
0x23
[0]
X_overflow
RO
This register records if the X -
motion integrator has reached its
limit.
[1]
Y_overflow
This register records if the Y -
motion integrator has reached its
limit.
[3]
No motion
Flag is set when there has been
no event at the moment the host
is polling for movement.
Table 10.
Reg [#0x27]: Motion Directions & Polarities
Add
Bits
Name
R/W
Default
Description
0x27
[0]
Invert X
R/W
0
Allows X to be inverted
[1]
Invert Y
1
Allows Y to be inverted
[3]
Swap X/Y
1
Replaces X with Y and Y with X
Table 11.
Reg [#0x29]: Minimum Features
Add
Bits
Name
R/W
Default
Description
0x29
[7:0]
Min_features[13:6]
R/W
0000_0000
This register represents the
feature threshold below which
motion is no longer valid. This is
linked to the value reported in
registers 0x31 & 0x32.
If Features [13:6] (reg0x31/32) <
Min features (0x29), then X/Y
motion = 0
Table 12.
Reg [#0x2A]: Motion resolution: Count/Inch
Add
Bits
Name
R/W
Default
Description
0x2A
[7:0]
Motion resolution
R/W
0000_1000
Sets Resolution as CPI:
0x8 - 400CPI
0x10 - 800 CPI
0x20 - 1600 CPI
0x40 - 3200 CPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com