Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 14Page - STMicroelectronics VT5366 Datasheet HTML 15Page - STMicroelectronics VT5366 Datasheet HTML 16Page - STMicroelectronics VT5366 Datasheet HTML 17Page - STMicroelectronics VT5366 Datasheet HTML 18Page - STMicroelectronics VT5366 Datasheet HTML 19Page - STMicroelectronics VT5366 Datasheet HTML 20Page - STMicroelectronics VT5366 Datasheet HTML 21Page - STMicroelectronics VT5366 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Serial control bus
VT5366
18/30
6
Serial control bus
6.1
General description
The 2-wire I2C serial interface bus is used to read and write the VT5366 registers.
The main features of the serial interface include:
–
Variable length read/write messages
–
Indexed addressing of information source or destination within the sensor
–
Automatic update of the index after a read or write message
–
Message abort with negative acknowledge from the master
–
Byte oriented messages
6.2
Serial communication protocol
The co-processor must perform the role of communication ‘master’ and the sensor acts as a
‘slave’. The communication from host to sensor takes the form of 8-bit data with a maximum
serial clock frequency of 400 kHz. Since the serial clock is generated by the bus master it
determines the data transfer rate. Data transfer protocol on the bus is illustrated in
Figure 7.
Figure 7.
Serial Interface data transfer protocol
6.2.1
Data format
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit. The
internal data is produced by sampling
sda at a rising edge of scl. The external data must be
stable during the high period of
scl. Exceptions to this are start (S) or stop (P) conditions
when
sda falls or rises respectively, while scl is high.
A message contains at least two bytes. Its begins with a
start condition and ends with either
a
stop condition or another start condition In this situation the (second) start is referred to as
a
repeated start and is shown as (Sr). The first byte of a transaction always contains the
device address byte in the upper 7 bits with the LSB indicating the data direction; 1 for
read
or 0 write. Thus the 8 bit device address for the VT5366 is 0x20 for writing and 0x21 for
reading.
Figure 8.
VT5366 serial interface address
12
7
8
A
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB
0
0
1
0
0
0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com