Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 11Page - STMicroelectronics VT5366 Datasheet HTML 12Page - STMicroelectronics VT5366 Datasheet HTML 13Page - STMicroelectronics VT5366 Datasheet HTML 14Page - STMicroelectronics VT5366 Datasheet HTML 15Page - STMicroelectronics VT5366 Datasheet HTML 16Page - STMicroelectronics VT5366 Datasheet HTML 17Page - STMicroelectronics VT5366 Datasheet HTML 18Page - STMicroelectronics VT5366 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
VT5366
Operation
15/30
Table 13.
Reg [#0x2F]: Minimum Motion Search Vector
Add
Bits
Name
R/W
Default
Description
0x2F
[7:0]
Minimum search vector
R/W
0001_0000
0x40 - increase sensitivity when
going into non-run mode
0x10 - default setting in run
mode
Table 14.
Reg [#0x31 - 0x32]: Surface Feature Report
Add
Bits
Name
R/W
Default
Description
0x31
[15:8]
Features count
RO
Current field feature count report
0x32
[7:0]
Table 15.
Reg [#0x40 - 0x41]: Exposure Setting
Add
Bits
Name
R/W
Default
Description
0x40
[1:0]
Exposure [9:8]
R/W
0x01ff
Exposure value in CLK12
periods units.
Default is 511.-
0x41
[7:0]
Exposure [7:0]
Table 16.
Reg [#0x43]: AutoExposure Enable
Add
Bits
Name
R/W
Default
Description
0x43
[4]
AEC enable
RW
1
Enable auto exposure
Table 17.
Reg [#0x47]: ADC data
Add
Bits
Name
R/W
Default
Description
0x47
[7:0]
ADC_IN converted data
RO
0000_0000
This register holds the current
converted data from the ADC_IN
analog input pin.
The data range is as follows:
0000_0000: ADC_IN = 0.6V
1111_1111: ADC_IN = 1.6V
The response is linear for each
value in between, ADC steps are
1V/256 = 3.9mV.
Table 18.
Reg [#0x4F]: Exposed image Max reported value
Add
Bits
Name
R/W
Default
Description
0x4F
[7:0]
Exp max value
RO
0000_0000
This registers holds the
maximum pixel value (before
CDS) for the current frame. It
shows if some
pixels are saturated or not. This
register should be used as the
AEC metric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com