Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VT5366 Datasheet HTML 15Page - STMicroelectronics VT5366 Datasheet HTML 16Page - STMicroelectronics VT5366 Datasheet HTML 17Page - STMicroelectronics VT5366 Datasheet HTML 18Page - STMicroelectronics VT5366 Datasheet HTML 19Page - STMicroelectronics VT5366 Datasheet HTML 20Page - STMicroelectronics VT5366 Datasheet HTML 21Page - STMicroelectronics VT5366 Datasheet HTML 22Page - STMicroelectronics VT5366 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
VT5366
Serial control bus
19/30
The byte following the address byte contains the address of the first data byte (also referred
to as the
index). The serial interface can address up to 256 byte registers.
Figure 9.
Serial interface data format (write ex)
6.2.2
Message interpretation
All serial interface communications with the sensor must begin with a
start condition. If the
start condition is followed by a valid address byte then further communications can take
place. The sensor will acknowledge the receipt of a valid address by driving the
sda wire
low. The state of the
read/~write bit (LSB of the address byte) is stored and the next byte of
data, sampled from
sda, can be interpreted.
During a write sequence the second byte sent is an address index and is used to point to
one of the internal registers. The receiver will automatically increment the index address by
one location after each slave acknowledge. The master can therefore send data bytes
continuously to the slave until the slave fails to provide an acknowledge or the master
terminates the write communication with a
stop condition or sends a repeated start, (Sr).
As data is received by the slave it is written bit by bit to a serial/parallel register. After each
data byte has been received by the slave, an acknowledge is generated, the data is then
stored in the internal register addressed by the current index.
During a read message, the next byte read from the slave device are the contents of the
register addressed by the current index. The contents of this register are then parallel
loaded into the serial/parallel register and clocked out of the device by
scl.
At the end of each byte, in both read and write message sequences, an acknowledge is
issued by the receiving device. A positive acknowledge involves holding the SDA line LOW,
a negative acknowledge involves releasing the SDA line to be pulled HIGH. Although the
VT5366 is always considered to be a slave device, it acts as a transmitter when the bus
master requests a read from the sensor.
A message can only be terminated by the bus master, either by issuing a stop condition, a
repeated start condition or by a negative acknowledge after reading a complete byte during
a read operation.
S
address[7:1]
R/W bit
A
DATA[7:0]
A
Sensor acknowledges valid address
Acknowledge from slave
INDEX[7:0]
P
A
A
DATA[7:0]
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com