Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 6Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 7Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 8Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 9Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 10Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 11Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 12Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 13Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
PIN DESCRIPTION
10/51
Issue 1.2
2. PIN DESCRIPTION
2.1 INTRODUCTION
The STPC Consumer integrates most of the func-
tionalities of the PC architecture. As a result, many
of the traditional interconnections between the
host PC microprocessor and the peripheral devic-
es are totally internal to the STPC Consumer. This
offers improved performance due to the tight cou-
pling of the processor core and these peripherals.
As a result many of the external pin connections
are made directly to the on-chip peripheral func-
tions.
Figure 2-1 shows the STPC Consumer’s external
interfaces. It defines the main busses and their
function. Table 2-1 describes the physical imple-
mentation listing signal types and their functional-
ities. Table 2-2 provides a full pin listing and de-
scription. Table 2-3 provides a full listing of the
STPC Consumer pin locations of package by
physical connection. Please refer to the pin alloca-
tion drawing for reference.
Note: Several interface pins are multiplexed with
other functions, refer to the Pin Description sec-
tion for further details
Table 2-1. Signal Description
Group name
Qty
Basic Clocks reset & Xtal(SYS)
12
DRAM Controller
89
PCI interface (PCI)
58
ISA / IDE / IPC combined interface
88
Video Input (VIP)
9
TV Output
10
VGA Monitor interface
10
Grounds
69
VDD
26
Analog specific VCC/VDD
12
Reserved
5
Total Pin Count
388
Figure 2-1. STPC Consumer External Interfaces
SOUTH
NORTH
PCI
x86
DRAM
VGA
VIP
TV
SYS
ISA/IDE
IPC
89
10
9
10
58
13
77
11
STPC Consumer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com