Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 25Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 26Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 27Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 28Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 31Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 32Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STRAP OPTION
29/51
Issue 1.2
Bit 1 This bit reflects the value sampled on
MD[17] pin and controls the PCI clock output as
follows:
0: PCI clock output = HCLK / 2
1: PCI clock output = HCLK / 3
Bit 0; Reserved
This register defaults to the values sampled on
MD[23] & MD[20:16] pins after reset.
3.1.4 HCLK PLL STRAP REGISTER 0 INDEX
5FH (HCLK_STRAP0)
Bits 5-0 of this register reflect the status of pins
MD[26:21] respectively. They are use by the chip
as follows:
Bits 5-3; These pins reflect the value sampled on
MD[26:24] pins respectively and control the Host
clock frequency synthesizer.
Bit 2-0; Reserved
This register defaults to the values sampled on
above pins after reset.
Strap Options [39:27] are reserved.
3.1.5 486 CLOCK PROGRAMMING (486_CLK)
The bit MD[40] is used to set the clock multiplica-
tion factor of the 486 core. With the MD[40] pin
pulled low the 486 will run in DX (x1) mode, while
with the MD[40] pin pulled high the 486 will run in
DX2 (x2) mode. The default value of the resistor
on this strap input should be a resister to ground
(DX mode).
Strap options MD[43:41] are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com