Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 7Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 8Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 9Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 10Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 11Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 12Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 13Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 14Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
PIN DESCRIPTION
11/51
Issue 1.2
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Description
Qty
BASIC CLOCKS AND RESETS
SYSRSTI#
I
System Reset / Power good
1
XTALI
I
14.3MHz Crystal Input
1
XTALO
I/O
14.3MHz Crystal Output - External Oscillator Input
1
HCLK
O
Host Clock (Test)
1
DEV_CLK
O
24MHz Peripheral Clock (floppy drive)
1
GCLK2X
I/O
80MHz Graphics Clock
1
DCLK
I/O
135MHz Dot Clock
1
PCI_CLKI
I
33MHz PCI Input Clock
1
PCI_CLKO
O
33MHz PCI Output Clock (from internal PLL)
1
SYSRSTO#
O
Reset Output to System
1
ISA_CLK
O
ISA Clock Output - Multiplexer Select Line For IPC
1
ISA_CLK2X
O
ISA Clock x 2 Output - Multiplexer Select Line For IPC
1
MEMORY INTERFACE
MA[11:0]
I/O
Memory Address
12
RAS#[3:0]
O
Row Address Strobe
4
CAS#[7:0]
O
Column Address Strobe
8
MWE#
O
Write Enable
1
MD[63:0]
I/O
Memory Data
64
PCI INTERFACE
AD[31:0]
I/O
PCI Address / Data
32
CBE[3:0]
I/O
Bus Commands / Byte Enables
4
FRAME#
I/O
Cycle Frame
1
TRDY#
I/O
Target Ready
1
IRDY#
I/O
Initiator Ready
1
STOP#
I/O
Stop Transaction
1
DEVSEL#
I/O
Device Select
1
PAR
I/O
Parity Signal Transactions
1
SERR#
O
System Error
1
LOCK#
I
PCI Lock
1
PCIREQ#[2:0]
I
PCI Request
3
PCIGNT#[2:0]
O
PCI Grant
3
PCI_INT[3:0]
I
PCI Interrupt Request
4
VDD5
I
5V Power Supply for PCI ESD protection
4
ISA AND IDE COMBINED ADDRESS/DATA
LA[23:22] / SCS3#,SCS1#
I/O
Unlatched Address (ISA) / Secondary Chip Select (IDE)
2
LA[21:20] / PCS3#,PCS1#
I/O
Unlatched Address (ISA) / Primary Chip Select (IDE)
2
LA[19:17] / DA[2:0]
O
Unlatched Address (ISA) / Address (IDE)
3
RMRTCCS# / DD[15]
I/O
ROM/RTC Chip Select / Data Bus bit 15 (IDE)
1
KBCS# / DD[14]
I/O
Keyboard Chip Select / Data Bus bit 14 (IDE)
1
RTCRW# / DD[13]
I/O
RTC Read/Write / Data Bus bit 13 (IDE)
1
RTCDS# / DD[12]
I/O
RTC Data Strobe / Data Bus bit 12 (IDE)
1
SA[19:8] / DD[11:0]
I/O
Latched Address (ISA) / Data Bus (IDE)
16
SA[7:0]
I/O
Latched Address (IDE)
4
SD[15:0]
I/O
Data Bus (ISA)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com