Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 18Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 19Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 20Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 21Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 22Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 23Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 24Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 25Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
PIN DESCRIPTION
22/51
Issue 1.2
B21
PCI_GNT#[1]
D20
PCI_GNT#[2]
A5
PCI_INT[0]
C6
PCI_INT[1]
B4
PCI_INT[2]
D5
PCI_INT[3]
F2
LA[17]/DA[0]
G4
LA[18]/DA[1]
F3
LA[19]/DA[2]
F1
LA[20]/PCS1#
G2
LA[21]/PCS3#
G3
LA[22]/SCS1#
H2
LA[23]/SCS3#
J4
SA[0]
H1
SA[1]
H3
SA[2]
J2
SA[3]
J1
SA[4]
K2
SA[5]
J3
SA[6]
K1
SA[7]
K4
SA[8]/DD[0]
L2
SA[9]/DD[1]
K3
SA[10]/DD[2]
L1
SA[11]/DD[3]
M2
SA[12] / DD[4]
M1
SA[13] / DD[5]
L3
SA[14] / DD[6]
N2
SA[15] / DD[7]
M4
SA[16] / DD[8]
N1
SA[17] / DD[9]
M3
SA[18] / DD[10]
P4
SA[19] / DD[11]
P3
RTCDS / DD[12]
R2
RTCRW# / DD[13]
N3
KBCS# / DD[14]
P1
RMRTCCS# / DD[15]
R1
SD[0]
T2
SD[1]
R3
SD[2]
T1
SD[3]
R4
SD[4]
U2
SD[5]
T3
SD[6]
U1
SD[7]
U4
SD[8]
V2
SD[9]
U3
SD[10]
Pin #
Pin name
V1
SD[11]
W2
SD[12]
W1
SD[13]
V3
SD[14]
Y2
SD[15]
Y1
IOCHRDY
AE4
SYSRSTO#
AD4
ISA_CLK
AE5
ISA_CLK2X
AF8
OSC14M
W3
ALE
AC9
ZWS#
AA2
BHE#
Y4
MEMR#
AA1
MEMW#
Y3
SMEMR#
AB2
SMEMW#/COL_CMP
AA3
IOR#
AC2
IOW#
AB4
MASTER#
AC1
MCS16#
AB3
IOCS16#
AD2
REF#
AC3
AEN
AD1
IOCHCK#
AF2
ISAOE#
A4
RTCAS#
AE3
GPIOCS#
B1
PIRQ
C2
SIRQ
C1
PDRQ
D2
SDRQ
D3
PDACK#
D1
SDACK#
E2
PIOR#
E4
PIOW#
E3
SIOR#
E1
SIOW#
E23
IRQ_MUX[0]
D26
IRQ_MUX[1]
E24
IRQ_MUX[2]
C25
IRQ_MUX[3]
A24
DREQ_MUX[0]
B23
DREQ_MUX[1]
C23
DACK_ENC[0]
Pin #
Pin name
A23
DACK_ENC[1]
B22
DACK_ENC[2]
D22
TC
C5
SPKRD
AE6
RED
AD6
GREEN
AF6
BLUE
AD5
VSYNC
AC5
HSYNC
AD7
VREF_DAC
AE8
RSET
AF5
COMP
C7
SDA / DDC[0]
B5
SCL / DDC[1]
AC12
VCLK
AE13
VIN[0]
AD14
VIN[1]
AD12
VIN[2]
AE14
VIN[3]
AC14
VIN[4]
AF14
VIN[5]
AD13
VIN[6]
AE15
VIN[7]
AF10
RED_TV
AC10
GREEN_TV
AF11
BLUE_TV
AE10
VCS
AD9
ODD_EVEN
AD11
CVBS
AD8
IREF1_TV
AE9
VREF1_TV
AE11
IREF2_TV
AD10
VREF2_TV
B3
SCAN_ENABLE
AF12
VDDA_TV
AC7
VDD_DAC1
AF4
VDD_DAC2
AD19
VDD_GCLK_PLL
AF13
VDD_DCLK_PLL
F26
VDD_HCLK_PLL
G24
VDD_DEVCLK_PLL
A16
VDD5
B12
VDD5
B9
VDD5
Pin #
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com