Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 17Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 18Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 19Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 20Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 21Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 22Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 23Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 24Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
PIN DESCRIPTION
21/51
Issue 1.2
Table 2-3. Pinout.
Pin #
Pin name
AF3
SYSRSTI
A3
XTALI
C4
XTALO
G23
HCLK
F25
DEV_CLK
AF15
GCLK2X
AF9
DCLK
AD15
MA[0]
AF16
MA[1]
AC15
MA[2]
AE17
MA[3]
AD16
MA[4]
AF17
MA[5]
AC17
MA[6]
AE18
MA[7]
AD17
MA[8]
AF18
MA[9]
AE19
MA[10]
AF19
MA[11]
AD18
RAS#[0]
AE20
RAS#[1]
AC19
RAS#[2]
AF20
RAS#[3]
AE21
CAS#[0]
AC20
CAS#[1]
AF21
CAS#[2]
AD20
CAS#[3]
AE22
CAS#[4]
AF22
CAS#[5]
AD21
CAS#[6]
AE23
CAS#[7]
AC22
MWE#
AF23
MD[0]
AE24
MD[1]
AF24
MD[2]
AD25
MD[3]
AC25
MD[4]
AC26
MD[5]
AB24
MD[6]
AA25
MD[7]
AA24
MD[8]
Y25
MD[9]
Y24
MD[10]
V23
MD[11]
W24
MD[12]
V26
MD[13]
V24
MD[14]
U23
MD[15]
U24
MD[16]
R26
MD[17]
P25
MD[18]
P26
MD[19]
N25
MD[20]
N26
MD[21]
M25
MD[22]
M26
MD[23]
M24
MD[24]
M23
MD[25]
L24
MD[26]
J25
MD[27]
J26
MD[28]
H26
MD[29]
G25
MD[30]
G26
MD[31]
AD22
MD[32]
AD23
MD[33]
AE26
MD[34]
AD26
MD[35]
AC24
MD[36]
AB25
MD[37]
AB26
MD[38]
Y23
MD[39]
AA26
MD[40]
Y26
MD[41]
W25
MD[42]
W26
MD[43]
V25
MD[44]
U25
MD[45]
U26
MD[46]
T25
MD[47]
R25
MD[48]
T24
MD[49]
R23
MD[50]
R24
MD[51]
N23
MD[52]
P24
MD[53]
N24
MD[54]
L25
MD[55]
L26
MD[56]
K25
MD[57]
K26
MD[58]
K24
MD[59]
H25
MD[60]
J24
MD[61]
H23
MD[62]
H24
MD[63]
F24
PCI_CLKI
Pin #
Pin name
D25
PCI_CLKO
A20
AD[0]
C20
AD[1]
B19
AD[2]
A19
AD[3]
C19
AD[4]
B18
AD[5]
A18
AD[6]
B17
AD[7]
C18
AD[8]
A17
AD[9]
D17
AD[10]
B16
AD[11]
C17
AD[12]
B15
AD[13]
A15
AD[14]
C16
AD[15]
D15
AD[16]
A14
AD[17]
C15
AD[18]
B13
AD[19]
D13
AD[20]
A13
AD[21]
C14
AD[22]
C13
AD[23]
A12
AD[24]
B11
AD[25]
C12
AD[26]
A11
AD[27]
D12
AD[28]
B10
AD[29]
C11
AD[30]
A10
AD[31]
D10
CBE[0]
C10
CBE[1]
A9
CBE[2]
B8
CBE[3]
A8
FRAME#
B7
TRDY#
D8
IRDY#
A7
STOP#
C8
DEVSEL#
B6
PAR
D7
SERR#
A6
LOCK#
C21
PCI_REQ#[0]
A21
PCI_REQ#[1]
B20
PCI_REQ#[2]
C22
PCI_GNT#[0]
Pin #
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com