Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0375BTI3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPC0375BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0375BTI3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPC0375BTI3 Datasheet HTML 27Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 28Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 31Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 32Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 33Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 34Page - STMicroelectronics STPC0375BTI3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
ELECTRICAL SPECIFICATIONS
31/51
Issue 1.2
4.4 DC Characteristics
Notes:
1. MHz ratings refer to CPU clock frequency.
2. Not 100% tested.
4.5 AC Characteristics
Table 4-4 through Table 4-9 list the AC character-
istics including output delays, input setup require-
ments, input hold requirements and output float
delays. These measurements are based on the
measurement points identified in Figure 4-1 . The
rising clock edge reference level VREF , and other
reference levels are shown in Table 4-3 below for
the STPC Consumer. Input or output signals must
cross these levels during testing.
Figure 4-1 shows output delay (A and B) and input
setup and hold times (C and D). Input setup and
hold times (C and D) are specified minimums, de-
fining the smallest acceptable sampling window a
synchronous input signal must be stable for cor-
rect operation.
Note: Refer to Figure 4-1.
Table 4-2. DC Characteristics
Recommended Operating conditions : VDD = 3.3V
±0.3V, Tcase = 0 to 100°C unless otherwise specified
Symbol Parameter
Test conditio ns
Min
Typ
Max
Unit
VDD
Operating Voltage
3.0
3.3
3.6
V
PDD
Supply Power
VDD = 3.3V, HCLK = 66Mhz
3.2
3.9
W
HCLK
Internal Clock
(Note 1)
75
Mhz
VREF_D
AC
DAC Voltage Reference
1.215
1.235
1.255
V
VOL
Output Low Voltage
ILoad =1.5 to 8mA depending of the pin
0.5
V
VOH
Output High Voltage
ILoad =-0.5 to -8mA depending of the pin
2.4
V
VIL
Input Low Voltage
Except XTALI
-0.3
0.8
V
XTALI
-0.3
0.9
V
VIH
Input High Voltage
Except XTALI
2.1
VDD+0.3
V
XTALI
2.35
VDD+0.3
V
ILK
Input Leakage Current
Input, I/O
-5
5
µA
CIN
Input Capacitance
(Note 2)
pF
COUT
Output Capacitance
(Note 2)
pF
CCLK
Clock Capacitance
(Note 2)
pF
Table 4-3. Drive Level and Measurement Points for Switching Characteristics
Symbol
Value
Units
VREF
1.5
V
VIHD
3.0
V
VILD
0.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com